Part Number Hot Search : 
001140 FRX130R1 XN421F 2SK18 C106K9 D1915 IR333 MAC15
Product Description
Full Text Search
 

To Download IRLS540A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Advanced Power MOSFET
FEATURES
n Avalanche Rugged Technology n Rugged Gate Oxide Technology n Lower Input Capacitance n Improved Gate Charge n Extended Safe Operating Area n Lower Leakage Current : 10 A (Max.) @ VDS = 100V n Lower RDS(ON) : 0.046 (Typ.)
IRLS540A
BVDSS = 100 V RDS(on) = 0.058 ID = 17 A
TO-220F
1
2
3
1.Gate 2. Drain 3. Source
Absolute Maximum Ratings
Symbol VDSS ID IDM VGS EAS IAR EAR dv/dt PD TJ , TSTG TL Characteristic Drain-to-Source Voltage Continuous Drain Current (TC=25) Continuous Drain Current (TC=100) Drain Current-Pulsed Gate-to-Source Voltage Single Pulsed Avalanche Energy Avalanche Current Repetitive Avalanche Energy Peak Diode Recovery dv/dt Total Power Dissipation (TC=25) Linear Derating Factor Operating Junction and Storage Temperature Range Maximum Lead Temp. for Soldering Purposes, 1/8 from case for 5-seconds

Value 100 17 12 98 20 385 17 4.4 6.5 44 0.29 - 55 to +175
Units V A A V mJ A mJ V/ns W W/
300
Thermal Resistance
Symbol RJC RJA Characteristic Junction-to-Case Junction-to-Ambient Typ. --Max. 3.4 62.5 Units
o
C/W
Rev. A
IRLS540A
Electrical Characteristics (TC=25 unless otherwise specified)
Symbol BVDSS BV/TJ VGS(th) IGSS IDSS RDS(on) gfs Ciss Coss Crss td(on) tr td(off) tf Qg Qgs Qgd Characteristic Drain-Source Breakdown Voltage Breakdown Voltage Temp. Coeff. Gate Threshold Voltage Gate-Source Leakage , Forward Gate-Source Leakage , Reverse Drain-to-Source Leakage Current Static Drain-Source On-State Resistance Forward Transconductance Input Capacitance Output Capacitance Reverse Transfer Capacitance Turn-On Delay Time Rise Time Turn-Off Delay Time Fall Time Total Gate Charge Gate-Source Charge Gate-Drain(Miller) Charge Min. Typ. Max. Units 100 -1.0 -----------------0.1 ------22 --2.0 100 -100 10 100 0.058 -A S pF V V/ V nA
N-CHANNEL POWER MOSFET
Test Condition VGS=0V,ID=250A ID=250A VGS=20V VGS=-20V VDS=100V VDS=80V,TC=150 VGS=5V,ID=8.5A VDS=40V,ID=8.5

See Fig 7
VDS=VGS, ID=250A
1215 1580 310 390 145 180 7 12 38 24 38.4 6.2 23.3 25 35 85 60 54 --nC ns
VGS=0V,VDS=25V,f =1MHz See Fig 5 VDD=50V,ID=28A, RG=4.6 See Fig 13 VDS=80V,VGS=5V, ID=28A See Fig 6 & Fig 12
Source-Drain Diode Ratings and Characteristics
Symbol IS ISM VSD trr Qrr Characteristic Continuous Source Current Pulsed-Source Current Diode Forward Voltage Reverse Recovery Time Reverse Recovery Charge

Min. Typ. Max. Units --------132 0.63 28 98 1.5 --A V ns C
Test Condition Integral reverse pn-diode in the MOSFET TJ=25,IS=17A,VGS=0V TJ=25,IF=28A diF/dt=100A/s
Notes ; Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature L=2mH, IAS=17A, VDD=25V, RG=27, Starting TJ =25 ISD28A, di/dt400A/s, VDDBVDSS , Starting TJ =25 Pulse Test : Pulse Width = 250s, Duty Cycle 2% Essentially Independent of Operating Temperature
N-CHANNEL POWER MOSFET
Fig 1. Output Characteristics
12 0
Top : VGS 7.0 V 6.0 V 5.5 V 5.0 V 4.5 V 4.0 V 3.5 V Bottom : 3.0 V
IRLS540A
Fig 2. Transfer Characteristics
12 0
ID , Drain Current [A]
ID , Drain Current [A]
11 0
1 5 oC 7 11 0 2 oC 5 - 5 oC 5 10 0 @Nts: oe 1 V =0V . GS 2 V =4 V . DS 0 3 2 0 s P l e T s .5 us et 4 6 8 1 0
10 0 1 -1 0 10 0
@Nts: oe 1 2 0 s P l e T s .5 us et 2 T = 2 oC .C 5 11 0
0
2
VDS , Drain-Source Voltage [V]
VGS , Gate-Source Voltage [V]
Fig 3. On-Resistance vs. Drain Current
00 .8
Fig 4. Source-Drain Diode Forward Voltage
IDR , Reverse Drain Current [A]
12 0
RDS(on) , [ ] Drain-Source On-Resistance
00 .6
V =5V GS
00 .4
11 0
V =1 V 0 GS 00 .2 @ N t : T = 2 oC oe J 5 00 .0 0 3 0 6 0 9 0 10 2
1 5 oC 7 2 oC 5 1 0 04 .
0
@Nts: oe 1 V =0V . GS us et 2 2 0 s P l e T s .5 10 . 12 . 14 . 16 . 18 . 20 . 22 . 24 .
06 .
08 .
ID , Drain Current [A]
VSD , Source-Drain Voltage [V]
Fig 5. Capacitance vs. Drain-Source Voltage
20 50 C =C +C (C =sotd) iss gs gd ds h r e C =C +C oss ds gd C =C rss gd C iss 10 50 C oss 10 00 C rss 50 0 @Nts: oe 1 V =0V . GS 2 f=1Mz . H 6
Fig 6. Gate Charge vs. Gate-Source Voltage
VGS , Gate-Source Voltage [V]
20 00
V =2 V 0 DS V =5 V 0 DS V =8 V 0 DS 4
Capacitance [pF]
2
@Nts:I =2 A oe 8 D 0 0 8 1 6 2 4 3 2 4 0
00 1 0
11 0
VDS , Drain-Source Voltage [V]
QG , Total Gate Charge [nC]
IRLS540A
Fig 7. Breakdown Voltage vs. Temperature
12 . 30 .
N-CHANNEL POWER MOSFET
Fig 8. On-Resistance vs. Temperature
Drain-Source Breakdown Voltage
11 .
RDS(on) , (Normalized) Drain-Source On-Resistance
25 .
BVDSS , (Normalized)
20 .
10 .
15 .
10 . @Nts: oe 1 V =5V . GS 2 I =1 A .D 4 -0 5 -5 2 0 2 5 5 0 7 5 10 0 15 2 10 5 15 7 20 0
09 .
@Nts: oe 1 V =0V .
GS D
05 .
2 I = 2 0 A . 5 08 . -5 7 -0 5 -5 2 0 2 5 5 0 7 5 10 0 15 2
o
10 5
15 7
20 0
00 . -5 7
TJ , Junction Temperature [ C]
TJ , Junction Temperature [oC]
Fig 9. Max. Safe Operating Area
Oeaini Ti Ae prto n hs ra i Lmtdb R s iie y
DS(on)
Fig 10. Max. Drain Current vs. Case Temperature
3 0
12 0
ID , Drain Current [A]
2 4
ID , Drain Current [A]
1 0 s 0 1m s 1 0
1
1 8
1m 0s D C @Nts: oe 1 T = 2 oC . 5
C J
1 2
10 0
7 2 T = 1 5 oC . 3 Snl Ple . ige us 1 -1 0 0 1 0 11 0 12 0
6
0 2 5
5 0
7 5
10 0
15 2
10 5
15 7
VDS , Drain-Source Voltage [V]
Tc , Case Temperature [oC]
Fig 11. Thermal Response
Thermal Response
100 D=0.5 @ Notes : 1. Z J C (t)=1.24
0.2 0.1 10- 1 0.05 0.02 0.01 single pulse
o
C/W Max.
2. Duty Factor, D=t1 /t2 3. TJ M -TC =PD M *Z
PDM t1 t2
JC
(t)
Z (t) ,
JC
10- 2 - 5 10
10- 4
10- 3
10- 2
10- 1
100
101
t 1 , Square Wave Pulse Duration
[sec]
N-CHANNEL POWER MOSFET
Fig 12. Gate Charge Test Circuit & Waveform
IRLS540A
* Current Regulator "
50K 12V 200nF 300nF
Same Type as DUT
VGS Qg
10V
VDS VGS DUT
3mA
Qgs
Qgd
R1
Current Sampling (IG) Resistor
R2
Current Sampling (ID) Resistor
Charge
Fig 13. Resistive Switching Test Circuit & Waveforms
RL Vout Vin RG DUT Vin 10V
td(on) t on tr td(off) t off tf 10%
Vout VDD
( 0.5 rated VDS )
90%
Fig 14. Unclamped Inductive Switching Test Circuit & Waveforms
LL VDS
Vary tp to obtain required peak ID
BVDSS 1 EAS = ---- LL IAS2 -------------------2 BVDSS -- VDD BVDSS IAS C VDD VDD
tp
ID
RG DUT 5V
tp
ID (t) VDS (t) Time
IRLS540A
Fig 15. Peak Diode Recovery dv/dt Test Circuit & Waveforms
N-CHANNEL POWER MOSFET
DUT
+ VDS --
IS L Driver RG VGS
Same Type as DUT
VGS
VDD
* dv/dt controlled by RG * IS controlled by Duty Factor D
VGS ( Driver )
Gate Pulse Width D = -------------------------Gate Pulse Period
10V
IFM , Body Diode Forward Current
IS ( DUT ) IRM
di/dt
Body Diode Reverse Current
VDS ( DUT )
Body Diode Recovery dv/dt
Vf
VDD
Body Diode Forward Voltage Drop
TRADEMARKS
The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks.
ACEx Bottomless CoolFET CROSSVOLT DenseTrench DOME EcoSPARK E2CMOSTM EnSignaTM FACT FACT Quiet Series
DISCLAIMER
FAST a FASTr FRFET GlobalOptoisolator GTO HiSeC I2C ISOPLANAR LittleFET MicroFET MicroPak
MICROWIRE OPTOLOGIC a OPTOPLANAR PACMAN POP Power247 PowerTrench a QFET QS QT Optoelectronics Quiet Series
SILENT SWITCHER a UHC SMART START UltraFET a SPM VCX STAR*POWER Stealth SuperSOT-3 SuperSOT-6 SuperSOT-8 SyncFET TinyLogic TruTranslation
STAR*POWER is used under license
FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS.
LIFE SUPPORT POLICY FAIRCHILDS PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 2. A critical component is any component of a life 1. Life support devices or systems are devices or support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design First Production Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only.
Preliminary
No Identification Needed
Full Production
Obsolete
Not In Production
Rev. H5


▲Up To Search▲   

 
Price & Availability of IRLS540A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X